Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA304 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 17Page - STMicroelectronics STA304 Datasheet HTML 18Page - STMicroelectronics STA304 Datasheet HTML 19Page - STMicroelectronics STA304 Datasheet HTML 20Page - STMicroelectronics STA304 Datasheet HTML 21Page - STMicroelectronics STA304 Datasheet HTML 22Page - STMicroelectronics STA304 Datasheet HTML 23Page - STMicroelectronics STA304 Datasheet HTML 24Page - STMicroelectronics STA304 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STA304
21/30
13.0 REGISTER SUMMARY
13.1 Reset Register (add. 00h)
Writing any value to this register performs a register reset, which causes all registers to revert to their default
values. Reading this register returns 00E4h as it is the ID code of the part and its 3D Stereo Enhancement type
(See AC'97 revision 2.1 specification, section 6.3.1).
13.2 LR Volume Register (add. 02h)
This register manage the stereo (both right and left channels) output signal volumes. The MSB of the register
is the mute bit. When this bit is set to 1 the level for that channel is set at -
∞ dB. ML6 through ML0 is for the left
channel level, MR6 through MR0 is for the right channel.
There are two options: in 'Full Compliance' operating mode (bit 0 in the CRA register, address 5Ah, is set to '0')
only 6 bits are active (Mx0 to Mx5) and each step corresponds to 1.5 dB. In 'Proprietary' mode (bit 0 in the CRA
register is set to '1') Mx0 to Mx6 can have the values between 0h to 68h (110 1000) and each step corresponds
to 1dB. Greater values are undefined.
The default value is 8000h (1000 0000 0000 0000), which corresponds to 0 dB attenuation with mute on.
'Full Compliance' Mode
'Proprietary' Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
000
000
01
110
01
0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
ML6
ML5
ML4
ML3
ML2
ML1
ML0
X
MR6
MR5
MR4
MR3
MR2
MR1
MR0
Mute
Mx6…Mx0
Function
0
x00 0000
0 dB Attenuation
0
x01 1111
46.5dB Attenuation
0
x11 1111
94.5dB Attenuation
1
xxx xxxx
∞ dB Attenuation
Mute
Mx6…Mx0
Function
0
000 0000
0 dB Attenuation
0
001 1111
31dB Attenuation
0
011 1111
63dB Attenuation
…...
0
110 0001
97dB Attenuation
0
110 0010
99dB Attenuation
0
110 0011
100dB Attenuation
0
110 0100
102dB Attenuation
0
110 0101
104dB Attenuation
0
110 0110
107dB Attenuation
0
110 0111
111dB Attenuation
0
110 1000
∞ dB Attenuation
1
xxx xxxx
∞ dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com