Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA304 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 21Page - STMicroelectronics STA304 Datasheet HTML 22Page - STMicroelectronics STA304 Datasheet HTML 23Page - STMicroelectronics STA304 Datasheet HTML 24Page - STMicroelectronics STA304 Datasheet HTML 25Page - STMicroelectronics STA304 Datasheet HTML 26Page - STMicroelectronics STA304 Datasheet HTML 27Page - STMicroelectronics STA304 Datasheet HTML 28Page - STMicroelectronics STA304 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
STA304
25/30
Table 2. DDX gain
DDX Gain Compression
Since a full-scale output of the GC/Vol block is mapped to full output modulation, any signal exceeding 0 dBFS
at the output of the GC/Vol block will be clipped. The purpose of the compression algorithm is to reduce the
gain of the system when 0 dBFS has been exceeded such that clipping does not take place, thus performing an
output limiting function. This would yield a constant Vout once the gained input exceeds 0 dBFS.
With DDX_GAIN_0 = 1, the output of the GC/Vol block is compared to a threshold set just below 0 dBFS. When
the output of GC/Vol exceeds this threshold the gain of system is reduced following a set time-constant and
gain-reduction rate. This reduction in gain is stored as a variable. If subsequently the output of GC/Vol remains
below a separate lower threshold for a set amount of time the gain is then increased following another time-
constant and gain rate. Thus, seven different constants determine the attack, release, and limiting characteris-
tics of the compression algorithm. These constants have been tuned to sound as musical as possible when the
dynamic range of a recording is being reduced due to 0 dBFS being exceeded.
Figure 15. Compression response to 500 Hz sine at 0 dBFS with gain of +10 dB
DDX_GAIN_0
DDX_GAIN_1
DDXGain
DDX Compression
00
1x
NO
01
2x
NO
1
0
2x
YES
1
1
3x
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com