Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA304 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 2Page - STMicroelectronics STA304 Datasheet HTML 3Page - STMicroelectronics STA304 Datasheet HTML 4Page - STMicroelectronics STA304 Datasheet HTML 5Page - STMicroelectronics STA304 Datasheet HTML 6Page - STMicroelectronics STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics STA304 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
STA304
6/30
DC ELECTRICAL CHARACTERISTICS
2.0 AC’97 BANK REGISTER OVERVIEW
The AC `97 interface is compliant to ‘Audio Codec `97 – Revision 2.1’ specification, as far as the protocol used.
All the registers described in this specification, including Standard, Vendor Reserved and Extended Audio (AC
`97 2.0) registers, are available in this device, but just relevant registers which are described in paragraph 11
(Register Summary) are implemented.
The ATE mode feature has been implemented for test purpose: for related details refer to the
‘Audio Codec `97
– Revision 2.1’ specification.
2.1 Reading AC `97 Registers
Since the AC`97 register bank has been implemented as a contiguous RAM space (from a DSP point of view)
the content of the RAM itself will be returned as the result of a read operation. This should be followed as a
general rule of thumb but, where not possible, a different approach has been used. Hereby is a list of the reg-
isters, and bits, that do not follow this rule or that have a particular handling:
CodecID_0, CodecID_1:
These two bit are respectively bits 14 and 15 of registers 28h (Extended Audio ID) and 3Ch (EWxtended
Modem ID). When a read operation of these registers is performed the returned value is based on the status
of the SA pin: CodecID_0 report the status of SA pin, CodecID_1 always report 0. Other bits of these regis-
ters return the related RAM register contents. Also note that the status of the SA pin is not readable by the
DSP.
•PR4:
The bit 12 of register 26h (Powerdown, ctrl/start) is used to set the AC`97 BIT_CLK and SDATA_IN signal
to a low state. In response to a Warmers the status of this bit is set back to its default 0 value. In response
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Vil
Low Level Input Voltage
0.2*VDD
V
Vih
High Level Input Voltage
0.8*VDD
V
Vol
Low Level Output Voltage
Iol = X mA
0.4*VDD
V
1,2
Voh
High Level Output Voltage
0.85*VDD
V
1,2
Note 1: Takes into account 200mV voltage drop in both supply lines
Note 2: X is the source/sinc current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
Ipu
Pull-up current
Vi = 0V;
VDD = 3.3V
-25
-66
-125
µA1
Rpu
Equivalent Pull-up resistance
50
K
TR
Reset Active Time
2·TCK
ns
TCK
Master Clock Period
ns
Note 1: Min condition: Vdd = 3.0V, 125°C Min process; Max. condition: Vdd = 3.6 V, -20°C max process.
DIGITAL CHARACTERISTICS-SPDIF RECEIVER (RXP,RXN pins only, SPDIF - MODE = ANALOG)
ZIN
Input Resistance
k
VTH
Dufferential Input Voltage
200
mV
VHY
Input Hysteresis
50
mV
1
49.152
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com