Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 11Page - STMicroelectronics STA308 Datasheet HTML 12Page - STMicroelectronics STA308 Datasheet HTML 13Page - STMicroelectronics STA308 Datasheet HTML 14Page - STMicroelectronics STA308 Datasheet HTML 15Page - STMicroelectronics STA308 Datasheet HTML 16Page - STMicroelectronics STA308 Datasheet HTML 17Page - STMicroelectronics STA308 Datasheet HTML 18Page - STMicroelectronics STA308 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15/33
STA308
3.2.2 DDX Compensating Pulse Size Register
3.2.3 High-Pass Filter Bypass
The STA308 features an internal digital high-pass filter for the purpose of AC coupling. The purpose of this filter
is to prevent DC signals from passing through a DDX amplifier. DC signals can cause speaker damage
3.3 Configuration Register D (address 03h)
3.3.1 Binary Output Enable Registers
Each two-channel pair of outputs can be set to output a binary PWM stream. In this mode, output A
of a channel will be considered the positive output and output B is negative inverse. For example, setting C34BO
= 1 sets channels 3&4 to Binary Output (PWM) Mode.
3.3.2 Clock Output Select
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
1
CSZ0
Contra Size Register : When OM(1,0) = 11, this register determines the
size of the DDX compensating pulse from 0 clock ticks to 31 clock periods.
3
R/W
1
CSZ1
4
R/W
1
CSZ2
5
R/W
1
CSZ3
6
R/W
1
CSZ4
CSZ(4..0)
Compensating Pulse Size
00000
0 Clock period Compensating Pulse Size
00001
1 Clock period Compensating Pulse Size
……
11111
31 Clock period Compensating Pulse Size
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
HPB
High-Pass Filter Bypass Bit. Setting of one bypasses internal AC
coupling digital high-pass filter
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
BQL
PSL
COS1
COS0
C78BO
C56BO
C34BO
C12BO
RST
00
1
0
0
0
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
C12BO
Channels 1&2, 3&4, 5&6, 7&8 Binary Output Mode Enable
Bits. A setting of 0 indicates ordinary DDX tri-state output. A
setting of 1 indicates binary output mode.
1
R/W
0
C34BO
2
R/W
0
C56BO
3
R/W
0
C78BO
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
COS0
Clock Output Select
5
R/W
1
COS1
Clock Output Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com