Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 3 Page - STMicroelectronics

  STA308 Datasheet HTML 1Page - STMicroelectronics STA308 Datasheet HTML 2Page - STMicroelectronics STA308 Datasheet HTML 3Page - STMicroelectronics STA308 Datasheet HTML 4Page - STMicroelectronics STA308 Datasheet HTML 5Page - STMicroelectronics STA308 Datasheet HTML 6Page - STMicroelectronics STA308 Datasheet HTML 7Page - STMicroelectronics STA308 Datasheet HTML 8Page - STMicroelectronics STA308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/33
STA308
IN CONNECTION (Top view)
PIN FUNCTION
PIN
NAME
TYPE
DESCRIPTION
PAD TYPE
1
MVO
I
Master Volume Override
CMOS Input Buffer with
Pull-Down
3, 12, 24, 28,
35, 44, 52, 59
VDD3
3.3V Digital Supply
3.3V Digital Power
Supply Voltage (pad ring)
2, 4, 13, 27,
36, 45, 53, 60
GND
Digital Ground
Digital Ground
5, 14, 26, 37,
46, 54, 61
VDD
2.5V Digital Supply
2.5V Digital Power
Supply Voltage (core +
ring)
6
SDI_78
I
Input I2S Serial Data Channels 7 & 8
5V Tolerant TTL Input Buffer
7
SDI_56
I
Input I2S Serial Data Channels 5 & 6
5V Tolerant TTL Input Buffer
8
SDI_34
I
Input I2S Serial Data Channels 3 & 4
5V Tolerant TTL Input Buffer
9
SDI_12
I
Input I2S Serial Data Channels 1 & 2
5V Tolerant TTL Input Buffer
10
LRCKI
I
Inputs I2C Left/Right Clock
5V Tolerant TTL Input Buffer
11
BICKI
I
Inputs I2C Serial Clock
5V Tolerant TTL Input Buffer
15
RESET
I
Global Reset
5V Tolerant TTL Schmitt
Trigger Input Buffer
16
PLLB
I
PLL Bypass
CMOS Input Buffer with
Pull-Down
17
SA
I
Select Address (I2C)
CMOS Input Buffer with
Pull-Down
18
SDA
I/O
I2C Serial Data
Bidirectional Buffer:
5V Tolerant TTL Schmitt
Trigger Input;
3.3V Capable 2 mA
Slew-rate control Output;
19
SCL
I
I2C Serial Clock
5V Tolerant TTL Schmitt
Trigger Input Buffer
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
SDI_78
VDD
GND
GND
MVO
VDD3
BICKI
LRCKI
SDI_12
SDI_56
SDI_34
OUT3_A
OUT3_B
OUT4_A
OUT5_A
OUT5_B
OUT4_B
OUT2_A
OUT2_B
VDD
VDD3
GND
D02AU1356
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
VDD
GND
OUT6_A
OUT6_B
VDD3
12
13
14
15
16
PLLB
RESET
VDD
VDD3
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com