Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 24Page - STMicroelectronics STA308 Datasheet HTML 25Page - STMicroelectronics STA308 Datasheet HTML 26Page - STMicroelectronics STA308 Datasheet HTML 27Page - STMicroelectronics STA308 Datasheet HTML 28Page - STMicroelectronics STA308 Datasheet HTML 29Page - STMicroelectronics STA308 Datasheet HTML 30Page - STMicroelectronics STA308 Datasheet HTML 31Page - STMicroelectronics STA308 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
STA308
28/33
3.40 Coefficient a1 Data Register Bits 7..0 (address 28h)
3.41 Coefficient b1 Data Register Bits 23..16 (address 29h)
3.42 Coefficient b1 Data Register Bits 15..8 (address 2Ah)
3.43 Coefficient b1 Data Register Bits 7..0 (address 2Bh)
3.44 Coefficient Write Control Register (address 2Ch)
Coefficients for EQ and Bass Management are handled internally in the STA308 via RAM. Access to this RAM
is available to the user via an I2C register interface. A collection of I2C registers is dedicated to this function.
One contains a coefficient base address, five sets of three store the values of the 24-bit coefficients to be written
or that were read, and one contains bits used to control the writing of the coefficient(s) to RAM. The following
are step instructions for reading and writing coefficients.
Reading a coefficient from RAM
– write 8-bit address to I2C register 1Ch
– ead top 8-bits of coefficient in I2C address 1Dh
– ead middle 8-bits of coefficient in I2C address 1Eh
– ead bottom 8-bits of coefficient in I2C address 1Fh
Writing a single coefficient to RAM
– write 8-bit address to I2C register 1Ch
– write top 8-bits of coefficient in I2C address 1Dh
– write middle 8-bits of coefficient in I2C address 1Eh
– write bottom 8-bits of coefficient in I2C address 1Fh
– write 1 to W1 bit in I2C address 2Bh
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
RST
00
0
0
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
RST
00
0
0
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
RST
00
0
0
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
RST
00
0
0
0
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
WA
W1
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com