Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA308
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA308 Datasheet HTML 25Page - STMicroelectronics STA308 Datasheet HTML 26Page - STMicroelectronics STA308 Datasheet HTML 27Page - STMicroelectronics STA308 Datasheet HTML 28Page - STMicroelectronics STA308 Datasheet HTML 29Page - STMicroelectronics STA308 Datasheet HTML 30Page - STMicroelectronics STA308 Datasheet HTML 31Page - STMicroelectronics STA308 Datasheet HTML 32Page - STMicroelectronics STA308 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
STA308
30/33
Y[n] represents the output and X[n] represents the input. Coefficients are defined in the following manner:
CxHx0 = b2
CxHx1 = b0/2
CxHx2 = -a2
CxHx3 = -a1/2
CxHx4 = b1/2
The first x represents the channel and the second the biquad number. For example C3H41 is the b0/2 coeffi-
cient in the fourth series biquad in channel 3. The biquad link bit allows all channels to use the coefficients of
channel 1.
Bass Management
Channel 6 provides the ability to scale and mix all channels before the biquad block. This allows for information
from any channel to be redirected to this channel and then filtered appropriately for a subwoofer application.
When the BME bit is set (bit D5 of Configuration Register A, at address 00h) the input to the biquad section is
routed from the scale and mix block instead of the normal channel 6 1st stage interpolation output. Eight scaling
coefficients are provided to perform this function. They are labeled CxBMS with x representing the channel that
is being scaled. Each input channel is multiplied by its corresponding scale factor and summed. The output of
the summation is the output of the scale and mix block.
Post-Scale
The STA308 provides one additional multiplication after the last interpolation stage and before the distortion
compensation on each channel. This is a 24-bit signed fractional multiply. The scale factor for this multiply is
loaded into RAM using the same I2C registers as the biquad coefficients and the bass-management. All chan-
nels can use the channel 1 by setting the post-scale link bit.
RAM Block for Biquads and Bass Management:
Index
(Decimal)
Index
(Hex)
Coefficient
Default
0
00h
Channel 1 - Biquad 1
C1H10(b2)
000000h
1
01h
C1H11(b0/2)
3FFFFFh
2
02h
C1H12(a2)
000000h
3
03h
C1H13(a1/2)
000000h
4
04h
C1H14(b1/2)
000000h
5
05h
Channel 1 - Biquad 2
C1H20
000000h
……
24
18h
Channel 1 - Biquad 5
C1H54
000000h
25
19h
Channel 2 - Biquad 1
C2H10
000000h
26
1Ah
C2H11
3FFFFFh
……



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com