Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232UA Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232UA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232UA Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232UA Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rev 0.6
EMLS232UA Series
512K x 32 x 4Banks Low Power SDRAM
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTE :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the
next higher integer.
2. Minimum dealy is required to complete write.
3. Maximum burst refresh cycle: 8
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Value
Unit
Note
Row active to row active delay
tRRD(min)
15
1
RAS to CAS delay
tRCD(min)
22.5
1
Row precharge time
tRP(min)
22.5
1
Row active time
tRAS(min)
45
1
tRAS(max)
70,000
Row cycle time
tRC(min)
67.5
1
Last data in to row precharge
tRDL(min)
15
2
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Auto refresh cycle time
tARFC(min)
80
3
Exit self refresh to active command
tSRFX(min)
120
Col. address to col. address delay
tCCD(min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com