Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232UA Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232UA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232UA Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232UA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Rev 0.6
EMLS232UA Series
512K x 32 x 4Banks Low Power SDRAM
SIMPLIFIED TRUTH TABLE
(V=Valid, X =Don'tcare, H=Logic High, L=Logic Low)
NOTE :
1. OP Code : Operand Code
A0 ~ A10 & BA0 ~ BA1 : Program keys. (@MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS
3. Auto refresh functions are the same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
Partial self refresh can be issued only after setting partial self refresh mode of EMRS.
4. BA0 ~BA1 : Bank select addresses.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at the positive going edge of CLK masks the data-in at that same CLK in write operation (Write DQM latency is 0),
but in read operation, it makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2).
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0, 1
A10/AP
A9 ~ A0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1, 2
Refresh
Auto Refresh
H
H
L
L
L
H
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Read &
Column
Address
Auto Precharge Disable
H
X
L
H
L
H
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Write &
Column
Address
Auto Precharge Disable
H
X
L
H
L
L
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Burst Stop
H
X
L
H
H
L
X
X
6
Pre-
charge
Bank Selection
H
X
L
L
H
L
X
V
L
X
All Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge Power
Down Mode
Entry
H
L
H
X
X
X
X
X
Exit
L
H
H
X
X
X
X
L
V
V
V
Deep Power Down
Entry
H
L
L
H
H
L
X
X
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
X
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com