Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232UA Datasheet(PDF) 12 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232UA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232UA Datasheet(HTML) 12 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232UA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Rev 0.6
EMLS232UA Series
512K x 32 x 4Banks Low Power SDRAM
A. MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with Normal MRS
Normal MRS Mode
Register Programmed with Extended MRS
EMRS for PASR(Partial Array Self Ref.) & DS(Driver Strength)
NOTE :
1. If A10/AP is high during MRS cycle, “Wrap off mode” function will be enabled. This mode support only sequential burst type.
2. RFU(Reserved for future use) should stay “0” during MRS cycle.
3. If A9 is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.
Address
BA0 ~ BA1
A10/AP*1
A9*3
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
"0" Setting for
Normal MRS
Wrap Mode
0: Wrap on
1: Wrap off
W.B.L
Test Mode
CAS Latency
BT
Burst Length
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
Mode Select
0
1
0
4
4
1
1
Reserved
0
1
1
3
BA1
BA0
Mode
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
0
0
setting
for Nor-
mal
MRS
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page
Reserved
Address
BA1
BA0
A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
Mode Select
RFU*2
DS
RFU*2
PASR
Mode Select
Driver Strength
PASR
BA1
BA0
MODE
A6
A5
Driver Strength
A2
A1
A0
Size of Refreshed Array
0
0
Normal MRS
0
0
Full
0
0
0
Full Banks (default)
0
1
Reserved
0
1
1/2 (default)
0
0
1
Two Banks (Bank 0,1)
1
0
EMRS for Low Power SDRAM
1
0
1/4
0
1
0
One Bank (Bank 0)
1
1
Reserved
1
1
1/8
0
1
1
Reserved
Reserved Address
1
0
0
Reserved
A10/AP
A9
A8
A7
A4
A3
1
0
1
Reserved
0
0
0
0
0
0
1
1
0
Reserved
1
1
1
Reserved
Full Page Length x32 : 64Mb(256)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com