Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232UA Datasheet(PDF) 13 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232UA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232UA Datasheet(HTML) 13 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232UA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMLS232UA Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev 0.6
EMLS232UA Series
512K x 32 x 4Banks Low Power SDRAM
Partial Array Self Refresh
1. In order to save power consumption, Low Power SDRAM has PASR option.
2. Low Power SDRAM supports 3 kinds of PASR in self refresh mode : Four banks, Two banks and One bank.
Internal Temperature Compensated Self Refresh (TCSR)
NOTE :
1. In order to save power consumption,Low power SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range : Max 85 , Max 70 , Max 45 , Max 15
2. If the EMRS for exteranl TCSR is issued by the controller, this EMRS code for TCRS is ignored.
3. It has +/- 5
tolerance.
B. POWER UP SEQUENCE
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
-Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a mininmun of 200 .
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
EMRS cycle is not mandatory and the EMRS command needs to be issued only when DS or PASR is used.
The default state without EMRS command issued is half driver strength and full array refreshed.
The device is now ready for the operation selected by EMRS.
For operating with DS or PASR, set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
Temperature Range
Self Refresh Current (Icc6)
Unit
Full Array
1/2 of Full Array
1/4 of Full Array
Max 85
250
190
150
Max 70
230
180
140
Max. 45 3
220
170
135
Max 15
210
160
130
BA1=0
BA0=0 BA0=1
BA1=0
BA1=0 BA1=0
BA0=0
BA1=1
BA1=1
BA0=0 BA0=1
- Four Banks
- Two Banks (Bank0,1)
- One Bank (Bank0)
Partial Self Refresh Area
BA1=1
BA1=1
BA1=0 BA1=0
BA0=0
BA0=1
BA1=1
BA0=1
BA0=0
BA0=0 BA0=1
BA1=1
BA0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com