Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232TA Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232TA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232TA Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232TA Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev 0.3
EMLS232TA Series
512K x 32 x 4Banks Low Power SDRAM
DC CHARACTERISRICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0oC~ 70oC for Extended, -25oC~ 85oC for Commercial)
NOTE :
1.Measured with outputs open.
2.Refresh period is 64 .
3.Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit
Note
133MHz
Operating Current
(One Bank Active)
ICC1
Active mode; Burst length = 2; Read or Write;
tRC
tRC(min); CL=3; tCC=10
IO= 0
90
1
Precharge Standby Cur-
rent in power-down
mode
ICC2P
CKE
VIL(max), tCC=10
0.5
ICC2PS
CKE & CLK
VIL(max), tCC =
0.5
Precharge Standby Cur-
rent in non power-down
mode
ICC2N
CKE
VIH(min), CS
VIH(min), tCC = 10
Input signals are changed one time during 20
20
ICC2NS
CKE
VIH(min), CLK
VIL(max), tCC =
Input signals are stable
10
Active Standby Current
in power-down mode
ICC3P
CKE
VIL(max), tCC = 10
5
ICC3PS
CKE & CLK
VIL(max), tCC =
3
Active Standby Current
in non power-down
mode (One Bank Active)
ICC3N
CKE
VIH(min), CS
VIH(min), tCC = 10
Input signals are changed one time during 20
30
ICC3NS
CKE
VIH(min), CLK
VIL(max), tCC =
Input signals are stable
25
Operating Current
(Burst Mode)
ICC4
IO = 0
Page burst, CL=3, Read or Write, tCC = 10
4Banks Activated
110
1
Refresh Current
ICC5
tARFC
tARFC(min), tCC = 10
110
2
Self Refresh Current
ICC6
CKE
0.2V
Internal Auto
TCSR
Max
15
Max
45
Max
70
Max
85
Full Array
TBD
TBD
TBD
250
1/2 of Full Array
TBD
TBD
TBD
190
1/4 of Full Array
TBD
TBD
TBD
150
Deep Power Down
mode current
ICC7
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com