Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232TA Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232TA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232TA Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EMLS232TA Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EMLS232TA Series
512K x 32 x 4Banks Low Power SDRAM
Rev 0.3
Document Title
512K x 32 x 4Banks Low Power SDRAM Specificaton
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
Sep 21 , 2006
Advanced
0.1
PAD coordinates are updated.
Dec 6 , 2006
Advanced
0.2
PAD allocation changed. (BA0,BA1)
Dec 19 , 2006
Advanced
0.3
DQ Order changed
Oct 9 , 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code : 690-717
Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EMLS232TA

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMLS232UA EMLSI-EMLS232UA Datasheet
513Kb / 14P
512K x 32 x 4Banks Low Power SDRAM Specificaton
EMLS232UAW-6 EMLSI-EMLS232UAW-6 Datasheet
513Kb / 14P
512K x 32 x 4Banks Low Power SDRAM Specificaton
EMLS232UAW-6E EMLSI-EMLS232UAW-6E Datasheet
513Kb / 14P
512K x 32 x 4Banks Low Power SDRAM Specificaton
More results

Similar Description - EMLS232TA

ManufacturerPart #DatasheetDescription
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
512K x 4 BANKS x 32 BITS SDRAM
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
512K X 4 BANKS X 32 BITS DDR SDRAM
logo
White Electronic Design...
WED9LAPC2C16V8BC WEDC-WED9LAPC2C16V8BC Datasheet
934Kb / 24P
512K x 32 SSRAM / 1M x 64 SDRAM
WED9LAPC3C16V8BC WEDC-WED9LAPC3C16V8BC Datasheet
732Kb / 24P
512K x 32 SSRAM / 1M x 64 SDRAM
logo
Hynix Semiconductor
HY57V643220D HYNIX-HY57V643220D Datasheet
229Kb / 13P
4Banks x 512K x 32bits Synchronous DRAM
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Emerging Memory & Logic...
EMLS232UA EMLSI-EMLS232UA Datasheet
513Kb / 14P
512K x 32 x 4Banks Low Power SDRAM Specificaton
logo
Integrated Silicon Solu...
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
512K x 32Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com