Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232TA Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232TA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232TA Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EMLS232TA Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev 0.3
EMLS232TA Series
512K x 32 x 4Banks Low Power SDRAM
512K x 32Bit x 4 Banks Low Power SDRAM
ORDERING INFORMATION
NOTE :
1. In case of 40
Frequency, CL1 can be supported.
2. Ramsway are not designed or manufactured for use in a device or system that is used under circumstance in which human life is
potentially at stake. Please contact to the memory marketing team in ramsway when considering the use of a product
contained herein for any specific purpose, such as medical,aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
EMLS232TAW-6(E)
133 (CL3), 100 (CL2)
LVCMOS
Wafer Biz.
FEATURES
2.8V power supply.
LVCMOS compatible with multiplexed address.
Four banks operation.
MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length(1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
EMRS cycle with address key programs.
All inputs are sampled at the positive going edge of the system
clock.
Burst read single-bit write operation.
Special Function Support.
. PASR(Partial Array Self Refresh).
. Internal auto TCSR (Temperature Compensated Self Refresh)
. DS (Driver Strength)
. Deep power down
DQM for masking.
Auto refresh.
64
refresh period (4K cycle).
Commercial Temperature Operation (-0
~ 70 )
Extended Temperature Operation (-25
~ 85 )
GENERAL DESCRIPTION
The EMLS232TA series is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 534,288 words by 32 bits,
fabricated with Ramsway’s high performance CMOS technology.
Synchronous design allows precise cycle control with the use of
system clock and I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable burst
lengths and programmable latencies allow the same device to be
useful for a variety of high bandwidth and high performance mem-
ory system applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com