Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLS232TA Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EMLS232TA
Description  512K x 32 x 4Banks Low Power SDRAM Specificaton
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMLS232TA Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EMLS232TA Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMLS232TA Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev 0.3
EMLS232TA Series
512K x 32 x 4Banks Low Power SDRAM
ABSOLUTE MAXIMUM RATINGS
NOTE :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25oC~ 85oC for Extended, 0oC~ 70oC for Commercial)
NOTE :
1. Under all conditions VDDQ must be less than or equal to VDD.
2.VIH (max) = 4.3V AC. The overshoot voltage duration is
3
3.VIL (min) = -1.5V AC. The undershoot voltage duration is
3 .
4.Any input 0V
VIN
VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5.Dout is disabled, 0V
VOUT
VDDQ.
CAPACITANCE
(VDD = 2.8V, TA = 23 , f=1 , VREF =0.9V
50
)
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-1.0 ~ 4.0
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.0
V
Storage temperature
TSTG
-55 ~ +150
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.6
2.8
3.0
V
1
VDDQ
2.6
2.8
3.0
V
1
Input logic high voltage
VIH
0.8 x VDDQ
2.8
VDDQ + 0.3
V
2
Input logic low voltage
VIL
-0.3
0
0.3
V
3
Output logic high voltage
VOH
0.9 x VDDQ
-
-
V
IOH = -0.1
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1
Input leakage current
ILI
-2
-
2
4
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
1.5
3.5
RAS, CAS, WE, CS, CKE, DQM0~DQM3
CIN
1.5
3.0
Address
CADD
1.5
3.0
DQ0 ~ DQ31
COUT
2.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com