Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 37Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 38Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 39Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 40Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 41Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 42Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 43Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 44Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 41 of 136
Table 41. Interrupt Enable Register 3 SFR (MIRQENH, 0xDB)
Bit No.
Interrupt Enable Bit
Description
7 to 6
–
Reserved
5
WFSM
When this bit is set, the WFSM flag set creates a pending ADE interrupt to the 8052 core.
4
PKI
When this bit is set, the PKI flag set creates a pending ADE interrupt to the 8052 core.
3
PKV
When this bit is set, the PKV flag set creates a pending ADE interrupt to the 8052 core.
2
CYCEND
When this bit is set, the CYCEND flag set creates a pending ADE interrupt to the 8052 core.
1
ZXTO
When this bit is set, the ZXTO flag set creates a pending ADE interrupt to the 8052 core.
0
ZX
When this bit is set, the ZX flag set creates a pending ADE interrupt to the 8052 core.
ANALOG INPUTS
The ADE7566/ADE7569 has two fully differential voltage input
channels. The maximum differential input voltage for input pairs
VP/VN and IP/IN is ±0.5 V. In addition, the maximum signal level
on analog inputs for VP/VN and IP/IN is ± 0.5 V with respect to
AGND.
Each analog input channel has a programmable gain amplifier
(PGA) with possible gain selections of 1, 2, 4, 8, and 16. The
gain selections are made by writing to the GAIN register in the
Energy Measurement Register List (see Table 35 and Figure 31).
Bit 0 to Bit 2 select the gain for the PGA in the current channel,
and Bit 5 to Bit 7 select the gain for the PGA in the voltage
channel. Figure 30 shows how a gain selection for the current
channel is made using the gain register.
In addition to the PGA, Channel 1 also has a full-scale input
range selection for the ADC. The gain register also selects the
ADC analog input range (see Figure 31). As mentioned
previously, the maximum differential input voltage is 0.5 V.
K × VIN
VP1
VN1
0
000
0000
7654
3210
GAIN[7:0]
GAIN (K)
SELECTION
VIN
Figure 30. PGA in Current Channel
0
000
000
0
7
654
32
10
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
PGA 2 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
PGA 1 GAIN SELECT
000 = × 1
001 = × 2
010 = × 4
011 = × 8
100 = × 16
RESERVED
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS.
ADDR:
0x1B
CFSIGN_OPT
Figure 31. Analog Gain Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com