Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 4Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 5Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 6Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 7Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 8Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 9Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 10Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 11Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 8 of 136
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY CURRENTS
Current in Normal Mode (PSM0)
3.5
TBD
mA
fCORE = 4.096 MHz, LCD and meter active
TBD
mA
fCORE = 1.024 MHz, LCD and meter active
TBD
mA
fCORE = 32.768 kHz, LCD and Meter active
TBD
TBD
mA
fCORE = 4.096 MHz, LCD and meter DSP active,
metering ADC powered down
TBD
TBD
mA
fCORE = 4.096 MHz, LCD active, metering ADC
and DSP powered down
Current in PSM1
880
TBD
μA
fCORE = 4.096 MHz, LCD active
TBD
μA
fCORE = 1.024 MHz, LCD active
TBD
TBD
μA
fCORE = 4.096 MHz, LCD inactive
Current in PSM2
TBD
TBD
μA
LCD active with charge pump at 3.3 V + RTC
1.5
TBD
μA
RTC only
1 These numbers are not production tested but are guaranteed by design and/or characterization data on production release.
2 See the Terminology section for definition.
3 Delay between ADC conversion request and interrupt set.
4 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
5 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22 Method A117. Retention lifetime derates with junction temperature.
6 Test carried out with a maximum of TBD I/Os set to a low output level.
7 Delay between power supply valid and execution of first instruction by 8052 core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com