Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 50Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 51Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 52Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 53Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 54Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 55Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 56Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 57Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 54 of 136
Watt Absolute Accumulation Mode
The ADE7566/ADE7569 are placed in watt absolute accumula-
tion mode by setting the ABSAM bit in the ACCMODE Register
(0x0F). In this mode, the energy accumulation is done using the
absolute active power, ignoring any occurrence of power below
the no-load threshold (see Figure 55). The CF pulse also reflects
this accumulation method when in this mode. The default
setting for this mode is off. Detection of the transitions in the
direction of power flow, and detection of no-load threshold are
active in this mode.
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN FLAG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
APNOLOAD
APNOLOAD
Figure 55. Energy Accumulation in Absolute Accumulation Mode
Active Energy Pulse Output
All of the ADE7566/ADE7569 circuitry has a pulse output whose
frequency is proportional to active power (see the Active Power
Calculation section). This pulse frequency output uses the
calibrated signal from the WGAIN register output, and its
behavior is consistent with the setting of the active energy
accumulation mode in the ACCMODE Register (0x0F). The
pulse output is active low and should be preferably connected to
an LED as shown in Figure 66.
Line Cycle Active Energy Accumulation Mode
In line cycle active energy accumulation mode, the energy accumu-
lation of the ADE7566/ADE7569 can be synchronized to the
voltage channel zero crossing so that active energy can be
accumulated over an integral number of half-line cycles. The
advantage of summing the active energy over an integer number
of line cycles is that the sinusoidal component in the active energy
is reduced to 0. This eliminates any ripple in the energy calculation.
Energy is calculated more accurately and more quickly because
the integration period can be shortened. By using this mode,
the energy calibration can be greatly simplified, and the time
required to calibrate the meter can be significantly reduced.
In the line cycle active energy accumulation mode, the
ADE7566/ADE7569 accumulate the active power signal in the
LWATTHR register for an integral number of line cycles, as shown
in Figure 56. The number of half-line cycles is specified in the
LINCYC register.
The ADE7566/ADE7569 can accumulate active power for up to
65,535 half-line cycles. Because the active power is integrated
on an integral number of line cycles, the CYCEND flag in the
Interrupt Status Register 3 SFR (MIRQSTH, 0xDE) is set at the
end of an active energy accumulation line cycle. If the CYCEND
enable bit in the Interrupt Enable Register 3 SFR (MIRQENH,
0xDB) is set, the 8052 core has a pending ADE interrupt. The
ADE interrupt stays active until the CYCEND status bit is
cleared (see the Energy Measurement Interrupts section).
Another calibration cycle starts as soon as the CYCEND flag is
set. If the LWATTHR register is not read before a new CYCEND
flag is set, the LWATTHR register is overwritten by a new value.
WDIV[7:0]
WATTOS[15:0]
WGAIN[11:0]
LPF1
+
+
LWATTHR [23:0]
ACCUMULATE
ACTIVE ENERGY IN
INTERNAL REGISTER
AND UPDATE THE
LWATTHR REGISTER
AT THE END OF LINCYC
HALF LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
TO
DIGITAL-TO-FREQUENCY
CONVERTER
Figure 56. Line Cycle Active Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com