Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 21Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 22Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 23Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 24Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 25Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 26Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 25 of 136
Table 19. Scratch Pad 1 SFR (SCRATCH1, 0xFB)
Bit No.
Mnemonic
Default
Description
7 to 0
SCRATCH1
0
Value can be written/read in this register. This value is maintained in all the power-saving modes.
Table 20. Scratch Pad 2 SFR (SCRATCH2, 0xFC)
Bit No.
Mnemonic
Default
Description
7 to 0
SCRATCH2
0
Value can be written/read in this register. This value is maintained in all the power-saving modes.
Table 21. Scratch Pad 3 SFR (SCRATCH3, 0xFD)
Bit No.
Mnemonic
Default
Description
7 to 0
SCRATCH3
0
Value can be written/read in this register. This value is maintained in all the power-saving modes.
Table 22. Scratch Pad 4 SFR (SCRATCH4, 0xFE)
Bit No.
Mnemonic
Default
Description
7 to 0
SCRATCH4
0
Value can be written/read in this register. This value is maintained in all the power-saving modes.
Table 23. Power Control SFR (POWCON, 0xC5)
Bit No.
Mnemonic
Default
Description
7
RESERVED
0
Reserved.
6
METER_OFF
0
Set this bit to turn off the modulators and energy metering DSP circuitry to reduce power if
metering functions are not needed in PSM0.
5
RESERVED
0
Reserved.
4
COREOFF
0
Set this bit to shut down the core if in the PSM1 operating mode.
3
RESERVED
0
Reserved.
Controls the core clock frequency, fCORE. fCORE = 4.096 MHz/2CD.
CD[2:0]
Result (fCORE in MHz)
000
4.096
001
2.048
010
1.024
011
0.512
100
0.256
101
0.128
110
0.064
2 to 0
CD[2:0]
010
111
0.032
Writing to the Power Control SFR (POWCON, 0xC5)
Writing data to the POWCON SFR involves a double instruction sequence. Global interrupts must first be disabled to ensure that the two
instructions occur consecutively. The Key SFR (KYREG, 0xC1) is set to 0xA7 and is immediately followed by a write to the POWCON SFR.
For example:
CLR EA
;Disable Interrupts while configuring to WDT
MOV KYREG,#0A7h
;Write KYREG to 0xA7 to get write access to the POWCON SFR
MOV POWCON, #10H
;Shutdown the core
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com