Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07 Datasheet(PDF) 7 Page - STMicroelectronics

Part # OP07
Description  Very low offset single bipolar operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07 Datasheet(HTML) 7 Page - STMicroelectronics

  OP07 Datasheet HTML 1Page - STMicroelectronics OP07 Datasheet HTML 2Page - STMicroelectronics OP07 Datasheet HTML 3Page - STMicroelectronics OP07 Datasheet HTML 4Page - STMicroelectronics OP07 Datasheet HTML 5Page - STMicroelectronics OP07 Datasheet HTML 6Page - STMicroelectronics OP07 Datasheet HTML 7Page - STMicroelectronics OP07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
OP07
Ordering information
7/8
5
Ordering information
6
Revision history
Table 3.
Order codes
Part number
Temperature
range
Package
Packing
Marking
OP07C
OP07CN
0°C, +105°C
DIP8
Tube
OP07CN
Table 4.
Document revision history
Date
Revision
Changes
20-May-2003
1
Initial release.
23-Jul-2007
2
Format update.
Rthja, Rthjc, and ESD values added in Table 1: Absolute maximum
ratings.
Temperature range modified to 0-105°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com