Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # OP07
Description  Very low offset single bipolar operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07 Datasheet(HTML) 1 Page - STMicroelectronics

  OP07 Datasheet HTML 1Page - STMicroelectronics OP07 Datasheet HTML 2Page - STMicroelectronics OP07 Datasheet HTML 3Page - STMicroelectronics OP07 Datasheet HTML 4Page - STMicroelectronics OP07 Datasheet HTML 5Page - STMicroelectronics OP07 Datasheet HTML 6Page - STMicroelectronics OP07 Datasheet HTML 7Page - STMicroelectronics OP07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 2007
Rev 2
1/8
8
OP07
Very low offset single bipolar operational amplifier
Features
■ Extremely low offset: 150µV/ max.
■ Low input bias current: 1.8nA
■ LOW Vio drift: 0.5µV/°C
■ Ultra stable with time: 2µV/month max.
■ Wide supply voltage range: ±3V to ± 22V
■ Temperature range: 0°C to -105°C
Description
The OP07 is a very high precision op-amp with an
offset voltage maximum of 150µV.
Offering also low input current (1.8nA) and high
gain (400V/mV), the OP07C is particularly
suitable for instrumentation applications.
N
DIP8
(Plastic package)
1
2
3
4
8
6
5
7
V
CC
VCC
Inverting Input
Non-inverting Input
Output
Offset Null 2
Offset Null 1
N.C.
Pin connections
(top view)
www.st.com


Similar Part No. - OP07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07 AD-OP07 Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Analog Devices
OP07 AD-OP07 Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
logo
Intersil Corporation
OP07 INTERSIL-OP07 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Analog Devices
OP07 AD-OP07 Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
More results

Similar Description - OP07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
OP07C STMICROELECTRONICS-OP07C Datasheet
43Kb / 4P
VERY LOW OFFSET SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
Oct-1997
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
logo
New Japan Radio
NJM2748 NJRC-NJM2748 Datasheet
309Kb / 13P
Low Offset, Low Drift single JFET Input Operational Amplifier
Ver.2007-05-24
logo
Guangdong Youtai Semico...
OP07 UMW-OP07 Datasheet
697Kb / 5P
Low offset single operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com