Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07 Datasheet(PDF) 4 Page - STMicroelectronics

Part # OP07
Description  Very low offset single bipolar operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07 Datasheet(HTML) 4 Page - STMicroelectronics

  OP07 Datasheet HTML 1Page - STMicroelectronics OP07 Datasheet HTML 2Page - STMicroelectronics OP07 Datasheet HTML 3Page - STMicroelectronics OP07 Datasheet HTML 4Page - STMicroelectronics OP07 Datasheet HTML 5Page - STMicroelectronics OP07 Datasheet HTML 6Page - STMicroelectronics OP07 Datasheet HTML 7Page - STMicroelectronics OP07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
OP07
4/8
3
Electrical characteristics
Table 2.
VCC
+
= 15 V, VCC
- = Ground, T
amb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
0°C
≤ T
amb
≤ +105°C
60
150
250
µV
Long term input offset - voltage stability (1)
0.4
2
µV/Mo
DVio
Input offset voltage drift
0.5
1.8
µV/°C
Iio
Input offset current (Vic = 0V)
0°C
≤ T
amb
≤ +105°C
0.8
6
7
nA
DIio
Input offset current drift
15
50
pA/°C
DIib
Input bias current drift
15
50
pA/°C
Ro
Open loop output resistance
60
Ω
Rid
Differential input resistance
33
MW
Ric
Common mode input resistance
120
GW
Vicm
Input common mode voltage range
0°C
≤ T
amb
≤ +105°C
±13
±13
±13.5
V
CMR
Common-mode rejection ratio (Vic = Vicm -min)
0°C
≤ T
amb
≤ +105°C
100
97
120
dB
SVR
Supply voltage rejection ratio (VCC = ±3 to ±18V)
0°C
≤ T
amb
≤ +105°C
90
86
104
dB
Avd
Large signal voltage gain
VCC = ±15, RL = 2kΩ, VO = ±10V
0°C
≤ T
amb
≤ +105°C
VCC = ±3, RL = 500Ω, VO = ±0.5V
120
100
100
400
400
V/mV
Vopp
Output voltage swing
RL = 10kΩ
RL = 2kΩ
RL = 1kΩ
0°C
≤ T
amb
≤ +105°C RL = 2kΩ
±12
±11.5
±11
±13
±12.8
±12
V
SR
Slew rate ( R
L = 2k
Ω, CL = 100pF)
0.17
V/µs
GBP
Gain bandwidth product (RL = 2kΩ, CL = 100pF, f = 100kHz)
0.5
MHz
ICC
Supply current - no load
0°C
≤ T
amb
≤ +105°C
VCC = ±3V
2.7
0.67
5
6
1.3
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com