Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # OP07
Description  Very low offset single bipolar operational amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07 Datasheet(HTML) 3 Page - STMicroelectronics

  OP07 Datasheet HTML 1Page - STMicroelectronics OP07 Datasheet HTML 2Page - STMicroelectronics OP07 Datasheet HTML 3Page - STMicroelectronics OP07 Datasheet HTML 4Page - STMicroelectronics OP07 Datasheet HTML 5Page - STMicroelectronics OP07 Datasheet HTML 6Page - STMicroelectronics OP07 Datasheet HTML 7Page - STMicroelectronics OP07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OP07
Absolute maximum ratings
3/8
2
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
± 22
V
Vid
Differential input voltage
± 30
V
Vi
Input voltage
± 22
V
Toper
Operating temperature
-40 to 105
°C
Tstg
Storage temperature
-65 to 150
°C
Rthja
Thermal resistance junction to ambient(1) (2)
DIP8
1.
Short-circuits can cause excessive heating and destructive dissipation.
2.
Rth are typical values.
85
°C/W
Rthjc
Thermal resistance junction to case(1) (2)
DIP8
41
°C/W
ESD
HBM: human body model(3)
3.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
1.5
kV
MM: machine model(4)
4.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω). Done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(5)
5.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com