Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30B85 Datasheet(PDF) 63 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 63 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 59Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 60Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 61Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 62Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 63Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 64Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 67Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
63
P30
during Erase Suspend. Additionally, Clear Status Register, Program, Program Suspend,
Block Lock, Block Unlock, and Block Lock-Down are valid commands during Erase
Suspend.
During an erase suspend, deasserting CE# places the device in standby, reducing
active current. VPP must remain at a valid level, and WP# must remain unchanged
while in erase suspend. If RST# is asserted, the device is reset.
12.3
Erase Resume
The Erase Resume command instructs the device to continue erasing, and
automatically clears status register bits SR[7,6]. This command can be written to any
address. If status register error bits are set, the Status Register should be cleared
before issuing the next instruction. RST# must remain deasserted (see Figure 39,
“Program Suspend/Resume Flowchart” on page 80).
12.4
Erase Protection
When VPP = VIL, absolute hardware erase protection is provided for all device blocks. If
VPP is below VPPLK, erase operations halt and SR[3] is set indicating a VPP-level error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com