Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30B85 Datasheet(PDF) 79 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 79 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 75Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 76Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 77Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 78Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 79Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 80Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 81Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 83Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
79
P30
Appendix B Flowcharts
Figure 38: Word Program Flowchart
Program
Suspend
Loop
Start
Write 0x40,
Word Address
Write Data,
Word Address
Read Status
Register
SR[7] =
Full Status
Check
(if desired)
Program
Complete
Suspend?
1
0
No
Yes
WORD PROGRAM PROCEDURE
Repeat for subsequent Word Program operations.
Full Status Register check can be done after each program, or
after a sequence of program operations.
Write 0xFF after the last operation to set to the Read Array
state.
Comments
Bus
Operation Command
Data = 0x40
Addr = Location to program
Write
Program
Setup
Data = Data to program
Addr = Location to program
Write
Data
Status register data
Read
None
Check SR[7]
1 = WSM Ready
0 = WSM Busy
Idle
None
(Setup)
(Confirm)
FULL STATUS CHECK PROCEDURE
Read Status
Register
Program
Successful
SR[3] =
SR[1] =
0
0
SR[4] =
0
1
1
1
V
PP Range
Error
Device
Protect Error
Program
Error
If an error is detected, clear the Status Register before
continuing operations - only the Clear Staus Register
command clears the Status Register error bits.
Idle
Idle
Bus
Operation
None
None
Command
Check SR[3]:
1 = V
PP Error
Check SR[4]:
1 = Data Program Error
Comments
Idle
None
Check SR[1]:
1 = Block locked; operation aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com