Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30B85 Datasheet(PDF) 88 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 88 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 90Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 92Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
P30
Datasheet
November 2007
88
Order Number: 306666-11
Table 36: Example of Query Structure Output of x16- Devices
C.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash
Interface (CFI) Query structure or “database.” The structure sub-sections and address
locations are summarized below.
Table 37: Query Structure
Notes:
1.
Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as a function of
device bus width and mode.
2.
BA = Block Address beginning location (i.e., 08000h is block 1’s beginning location when the block size is 32-KWord).
3.
Offset 15 defines “P” which points to the Primary Numonyx-specific Extended Query Table.
C.3
CFI Query Identification String
The Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and
supported vendor-specified command set(s).
Table 38: CFI Identification
Word Addressing:
Byte Addressing:
Offset
Hex Code
Value
Offset
Hex Code
Value
AX–A0
D15–D0
AX–A0
D7–D0
00010h
0051
"Q"
00010h
51
"Q"
00011h
0052
"R"
00011h
52
"R"
00012h
0059
"Y"
00012h
59
"Y"
00013h
P_IDLO
PrVendor
00013h
P_IDLO
PrVendor
00014h
P_IDHI
ID #
00014h
P_IDLO
ID #
00015h
PLO
PrVendor
00015h
P_IDHI
ID #
00016h
PHI
TblAdr
00016h
...
...
00017h
A_IDLO
AltVendor
00017h
00018h
A_IDHI
ID #
00018h
...
...
...
...
Offset
Sub-Section Name
Description(1)
00001-Fh Reserved
Reserved for vendor-specific information
00010h
CFI query identification string
Command set ID and vendor data offset
0001Bh
System interface information
Device timing & voltage information
00027h
Device geometry definition
Flash device layout
P(3)
Primary Intel-specific Extended Query Table
Vendor-defined additional information specific
to the Primary Vendor Algorithm
Offset
Length
Description
Add.
Hex
Code Value
10h
3
Query-unique ASCII string “QRY“
10:
--51
"Q"
11:
--52
"R"
12:
--59
"Y"
13h
2
Primary vendor command set and control interface ID code.
13:
--01
16-bit ID code for vendor-specified algorithms
14:
--00
15h
2
Extended Query Table primary algorithm address
15:
--0A
16:
--01
17h
2
Alternate vendor command set and control interface ID code.
17:
--00
0000h means no second vendor-specified algorithm exists
18:
--00
19h
2
Secondary algorithm Extended Query Table address.
19:
--00
0000h means none exists
1A:
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com