Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3065 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3065 Datasheet HTML 3Page - STMicroelectronics STLC3065 Datasheet HTML 4Page - STMicroelectronics STLC3065 Datasheet HTML 5Page - STMicroelectronics STLC3065 Datasheet HTML 6Page - STMicroelectronics STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics STLC3065 Datasheet HTML 10Page - STMicroelectronics STLC3065 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Table 2 shows all the possible combinations be-
tween switches configurations and operating
modes.
A detailed description of each configuration can
be found in the ”OPERATING MODES” descrip-
tion section.
OPERATING MODES
Power Down (PWD)
D0
D1
D2
P1
P2
DET
DET1
DET2
0
0
X
0
0
disable
disable
disable
DC CHARACTERISTIC & SUPERVISION
When this mode is selected both 2W ports
(TIP1/RING1 and TIP2/RING2) are in high imped-
ance; all switches Sw1 to Sw6 are open (see
fig.1)
The SLIC core is switched off and the line detec-
tors are disabled therefore the off-hook condition
cannot be detected.
This mode can be selected in emergency condi-
tion when it is necessary to cut any current deliv-
ered to the line.
This mode is also forced by STLC3065 in case of
thermal overload (Tj > 140
°C).
In this case the device goes back to the previous
status as soon as the junction temperature de-
crease under the hysteresis threshold.
AC CHARACTERISTICS
Both the 2W ports (TIP1/RING1 and TIP2/RING2)
are set in high impedance, the TX output buffer is
a low impedance output, no AC transmission is
possible.
High Impedance Feeding (HI-Z)
D0
D1
D2
P1
P2
DET
DET1
DET2
0
0
X
1
1
off/hk
line 1+2
off/hk
line 1
off/hk
line 2
0
0
X
0
1
off/hk
line 2
disable
off/hk
line 1
0
0
X
1
0
off/hk
line 1
off/hk
line 1
disable
DC CHARACTERISTIC & SUPERVISION
This operating mode is normally selected when
the telephone is in on-hook in order to monitor the
line status keeping the power consumption at the
minimum.
The SLIC core of STLC3065 is in PWD mode
(see fig.1 or FUNCTIONAL DIAGRAM); the two
line series switches (Sw1; Sw2) are open. De-
pending on P1, P2 the 2W ports (TIP1/RING1
and TIP2/RING2) can be in high impedance or
connected to the built in
feeding resistors
(2x1500
Ω) via SW3T and SW5R or SW4T and
SW6R.
P1
controls
TIP1/RING1
and
P2
controls
TIP2/RING2 (see Fig.1 and Table 2).
When this mode is selected normally both P1, P2
bits should be set to one.
The output voltage in on-hook condition is equal
to the self generated battery voltage (-50V typ).
When off-hook occurs on 2W port 1 (2) the cur-
rent flowing through the RING1(2) wire activates
the DET1 (2_) detector indicating the line status
change. When DET1 or DET2 are activated also
the DET become active (low logic level).
The off-hook threshold in HI-Z mode is the same
value programmed in ACTIVE mode.
The DC characteristic in HI-Z mode is just equal
to the self generated battery with 2x(1500W+Rp)
Where:
”Open”:
the line port termination is in high impedance.
”To P.S. via Res”:
the TIP(n) wire is connected to BGND through a 1500
Ω resistor , the RING(n) wire is
connected to VBAT by a 1500
Ω resistor. The current flowing in the second resistor is used
to detect the off-hook .
”To Buffer”:
the TIP(n) wire and RING(n) wire are connected to the SLIC core line driver and the off-
hook detection is performed using the SLIC core supervision circuit that drives the DET
output.
”300
µA bias”:
the TIP(n) wire is connected to BGND through a 1500
Ω resistor , the RING(n) wire is
biased by a 300
µA current generator to negative battery (Vbat)
Note: see also Appendix C
STLC3065
7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com