Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC3065 Datasheet HTML 1Page - STMicroelectronics STLC3065 Datasheet HTML 2Page - STMicroelectronics STLC3065 Datasheet HTML 3Page - STMicroelectronics STLC3065 Datasheet HTML 4Page - STMicroelectronics STLC3065 Datasheet HTML 5Page - STMicroelectronics STLC3065 Datasheet HTML 6Page - STMicroelectronics STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MONOCHIP SLIC OPTIMISED FOR WLL AP-
PLICATIONS
IMPLEMENT ALL KEY FEATURES OF THE
BORSHT FUNCTION
SINGLE SUPPLY (5.5 TO 15.8V)
BUILT IN DC/DC CONVERTER CONTROL-
LER.
SOFT BATTERY REVERSAL WITH PRO-
GRAMMABLE TRANSITION TIME.
ON-HOOK TRANSMISSION.
PROGRAMMABLE OFF-HOOK DETECTOR
THRESHOLD
METERING PULSE GENERATION AND FIL-
TER
INTEGRATED RINGING
INTEGRATED RING TRIP
DUAL 2W PORT FOR DATA/VOICE OPERA-
TION
PARALLEL CONTROL INTERFACE (3.3V
LOGIC LEVEL)
PROGRAMMABLE CONSTANT CURRENT
FEEDER
SURFACE MOUNT PACKAGE
INTEGRATED THERMAL PROTECTION
-40 TO +85
°C OPERATING RANGE
DESCRIPTION
The STLC3065 is a SLIC device specifically de-
signed for WLL (Wireless Local Loop) application.
One of the distinctive characteristics of this de-
vice is the ability to operate with a single supply
voltage (from +5.5V to +15.8V) and self generate
the negative battery by means of an on chip
DC/DC converter controller that drives an external
October 1999
®
D0
D1
D2
P1
P2
DET DET1
DET2
RTTX
CAC
ILTF R D IREF RLIM RTH
CSVR
CVCC
VPOS
BGND
TIP1
R ING1
TIP2
RING2
VBAT
AGND
TX
RX
ZAC1
ZAC
RS
ZB
C TTX1
CTTX2
FTTX
CKTTX
SUPERVISION
TTX PROC
AC PROC
REFERENCE
SWITCH
LINE
D RIVER
C REV
IN PUT LOGIC AND DECODER
OUTPUT LOGIC
VOLT.
Vcc
Vss
Agnd
LINE
REG.
Status and functions
CLK
R SENSE
GATE
VF
DC/DC
CONV.
DC PROC
Vbat
BLOCK DIAGRAM
TQFP44
ORDERING NUMBERS: STLC3065Q
STLC3065QTR
STLC3065
WLL SUBSCRIBER LINE INTERFACE CIRCUIT
1/27


Similar Part No. - STLC3065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
STLC3055Q STMICROELECTRONICS-STLC3055Q Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
STLC3055QTR STMICROELECTRONICS-STLC3055QTR Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
More results

Similar Description - STLC3065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com