Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3065 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC3065 Datasheet HTML 2Page - STMicroelectronics STLC3065 Datasheet HTML 3Page - STMicroelectronics STLC3065 Datasheet HTML 4Page - STMicroelectronics STLC3065 Datasheet HTML 5Page - STMicroelectronics STLC3065 Datasheet HTML 6Page - STMicroelectronics STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics STLC3065 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Table 2. Dual Port control.
D0
D1
D2
P1
P2
OPER. MODE
LINE 1
LINE 2
DET
DET1
DET2
0
0
X
0
0
Power Down
Open
Open
-
-
-
0
0
X
1
1
High Z feed.
To P.S. via
Res.
To P.S. via
Res.
off-hook
line 1+2
off-hook
line 1
off-hook
line 2
0
0
X
0
1
Power Down/
High Z feed.
Open
To P.S. via
Res.
off-hook
line 2
-
off-hook
line 2
0
0
X
1
0
High Z feed.
Power Down
To P.S. via
Res.
Open
off-hook
line 1
off-hook
line 1
-
X
1
X
0
0
ACTIVE
300
µA bias 300µA bias
-
-
-
X
1
X
1
1
ACTIVE
To Buffer
To Buffer
off-hook
line 1+2
--
X
1
X
0
1
ACTIVE
300
µA bias To Buffer
off-hook
line 2
--
X
1
X
1
0
ACTIVE
To Buffer
300
µA bias
off-hook
line 1
--
1
0
X
0
1
RING
300
µA bias 300µA bias
-
-
-
1
0
X
1
1
RING
To Buffer
To Buffer
Ring-trip
line 1+2
--
1
0
X
0
1
RING
300
µA bias To Buffer
Ring-trip
line 2
--
1
0
X
1
0
RING
To Buffer
300
µA bias Ring-trip
line 1
--
R1
R1
R1
R1
Is2
Is1
VBAT
TIP1
RING1
TIP2
RING2
Tip
Ring
BGND
Sw1T
Sw1R
Sw2T
Sw2R
Sw4T
Sw3T
Sw4R
Sw3R
Line
Driver
Sw6R
Sw5R
300
µA
300
µA
R1 = 1500 ohm
LINE1
LINE2
Figure 1. Dual Port Concept.
STLC3065
6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com