Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3065 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC3065 Datasheet HTML 7Page - STMicroelectronics STLC3065 Datasheet HTML 8Page - STMicroelectronics STLC3065 Datasheet HTML 9Page - STMicroelectronics STLC3065 Datasheet HTML 10Page - STMicroelectronics STLC3065 Datasheet HTML 11Page - STMicroelectronics STLC3065 Datasheet HTML 12Page - STMicroelectronics STLC3065 Datasheet HTML 13Page - STMicroelectronics STLC3065 Datasheet HTML 14Page - STMicroelectronics STLC3065 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Depending on the P1,P2 control bits the ring
waveform can be applied to both 2W ports
(TIP1/RING1 and TIP2/RING2) or to one of the
two (see also table2).
The ring trip detection is performed sensing the
variation of the AC line impedance from on hook
(relatively high) to off-hook (low). This particular
ring trip method allows to operate without DC off-
set superimposed on the ring signal and therefore
obtaining the maximum possible ring level on the
load starting from a given negative battery.
It should be noted that such a method is opti-
mised for operation on short loop applications and
may not operate properly in presence of long loop
applications (>500
Ω).
Once ring trip is detected, the DET output is acti-
vated (logic level low), at this point the card con-
troller or a simple logic circuit should stop the D2
toggling in order to effectively disconnect the ring
signal and then set the STLC3065 in the proper
operating mode (Normally ACTIVE).
RING LEVEL IN PRESENCE OF MORE TELE-
PHONE IN PARALLEL.
As already mentioned above the maximum cur-
rent that can be drawn from the Vpos supply is
controlled and limited via the external RSENSE.
This will limit also the power available at the self
generated negative battery.
If for any reason the ringer load will be too high
the self generated battery will drop in order to
keep the power consumption to the fixed limit and
therefore also the ring voltage level will be re-
duced.
In the typical application with RSENSE = 110mW
the peak current from Vpos is limited to about
900mA, which correspond to an average current
of 700mA max. In this condition the STLC3065
can drive up to 3REN with a ring frequency
fr=25Hz (1REN = 1800
Ω + 1.0µF, European
standard).
In order to drive up to 5REN (1REN= 6930
Ω +
8mF, US standard) it is necessary to modify the
external components as follows:
CREV = 15nF
RD = 2.2 K
Power On Requirements
In order to avoid damage to the device when
Vpos is first applied it is recommended to keep all
the logic inputs to a low logic level (0V) until Vpos
is > 5.5V.
In case this power up sequence cannot be guar-
anteed, it’s recommended to connect a shottky di-
ode (BAT46 or equivalent) between VBAT and
BGND (see figure 7).
Layout Recommendation
A properly designed PCB layout is a basic issue
to guarantee a correct behaviour and good noise
performances.
Particular care must be taken on the ground con-
nection and in this case the star configuration al-
lows surely to avoid possible problems (see Appli-
cation Diagram Fig. 8).
The ground of the power supply (VPOS) has to
be connected to the center of the star, let’s call
this point PGND. This point should show a resis-
tance as low as possible, that means it should be
a ground plane.
Noise sources can be identified in not enough
good grounds, not enough low impedance sup-
plies and parasitic coupling between PCB tracks
and high impedance pins of the device.
In particular, to avoid noise problems,
layout
should prevent any coupling between the DC/DC
converter components and analog pins that are
referred to AGND (ex: RD, IREF, RTH, RLIM,
VF). As a first reccomendation the components
CV, L, D1, CVPOS, RSENSE should be kept as
close as possible to each other and isolated from
the other components.
Additional improvements can be obtained:
decoupling the center of the star from the analog
ground of STLC3065 using small chokes.
adding a capacitor in the range of 100nF between
VPOS and AGND in order to filter the switch fre-
quency on VPOS.
BAT46
BGND
VBAT
STLC3065
Figure 7. Shottky diode connection
STLC3065
11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com