Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5445 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics STLC5445 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
STLC5445
ELECTRICAL CHARACTERISTCS
Unless otherwise specified the below listed parameters' values are referred to the following conditions:
VBAT = –115V, VCC = 5V, Rlim = 53.6 kW, CODCn RC series = 100nF ±10% and 510Ω ±1%, normal temperature
range [0°C to 70°C]. The presence of an asterisk mark (*) indicates that the marked parameter must remain
within the specified tolerance in the extended temperature range [-40°C to 85°C].
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IVcc
VCC supply current
All the switches on
Νo load
2.5
mA
IVBAT
VBAT supply current
All the switches on
Νo load
1.5
1.8
mA
ILIMT
Current limiting value with
transversal line current only
Ilong = 0
42.5
50
57.5
mA
ILIMTL
Current limiting value with added
longitudinal line current
See Fig.1
37.5
50
62.5
mA
ILIM%
Current limiting accuracy in the
range 20 to 140 mA(1)
Ilong = 0
±15
%
IHZ
Leakage current of each WAn
output to ground with output
driver disabled
50*
µA
RWA
Resistance from WAn to
VBAT
IWA = 30mA
3.15
5.5
7.85
RWB
Resistance from WBn to
BGND
IWB = 30mA
3.5
5.5
7.5
∆ROUT
Absolute value of the difference
between RWAn and its related
RWBn
IWA = IWB = =30mA
0.7
1(*)
Tj110
110°C thermal monitoring
threshold
110
°C
Tj130
130°C thermal monitoring
threshold
130
°C
Tj160
160°C thermal monitoring
threshold
160
°C
Thyst
Thermal monitoring
hysteresis
10
°C
LVout
(2)
Longitudinal output component of
the fCKILC clock signal
See Fig. 2
– 60
dBV
VRel33
Relay drivers’ output voltage
All the relay drivers activated at a
load current of 33mA.(3)
0.5
V
VRel70
Relay drivers output voltage
All the relay drivers activated at a
load current of 70mA.(3)
1.2
V
IRleak
Relay driver leakage current
ERLn = Low
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com