Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5445 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC5445 Datasheet HTML 1Page - STMicroelectronics STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
STLC5445
PIN CONNECTION (Top view)
PIN FUNCTION
Pin Name
Description
1
CODC0
Pin for connection of the external capacitor (100nF/6.3V) to GND for COD signal filtering on
channel 0.
2
CODC1
Pin for connection of the external capacitor (100nF/6.3V) to GND for COD signal filtering on
channel 1
4
CKILC
External clock input pin for the internal power on sequencer
5
NACK0(D0)
Logic pin: with PSC = 0, Line 0 status information output
with PSC = 1, Line 0 I/O tristate data bus
6
NACK1(D1)
Logic pin: with PSC = 0, Line 1 status information output
with PSC = 1, Line 1 I/O tristate data bus
7
REL0A
Output of the 0A relay driver
8
*EREL0A
Logic input pin: relay 0A output driver’s ON/OFF (high = ON)
9
*EREL0B
Logic input pin: relay 0B output driver’s ON/OFF (high = ON)
10
REL0B
Output of the 0B relay driver
11
REL1A
Output of the 1A relay driver
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59
58 57 56 55 54 53
47
46
45
43
42
44
52
51
50
48
49
NACK1(D1)
NACK0(D0)
CK_ILC
CODC1
CODC0
RGND
REL1A
REL0B
*EREL0B
REL0A
*EREL0A
NACK2(D2)
REL3B
*EREL3B
REL3A
REL2B
*EREL3A
N.C.
BGND
NACK3(D3)
*RESET
D99TL437
26
60
61
62
63
64
21 22 23 24 25
41
40
38
37
39
*EREL2B
*EREL2A
*ES2(RD)
*ES1(CS)
*ES3(WR)
12
13
14
15
16
PBIT
ALE
REL1B
*EREL1A
*EREL1B
36
34
33
35
*ES0(A0)
CODC3
CODC2
RGND
17
18
19
20
N.C.
BGND
INTN
PSC
REL2A
*INTERNAL PULL DOWN TO GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com