Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5445 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC5445 Datasheet HTML 1Page - STMicroelectronics STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
STLC5445
* Internal pull down to ground
45
*EREL3A
Logic input pin: relay 3A output driver’s ON/OFF (high = ON)
46
*ERL3B
Logic input pin: relay 3B output driver’s ON/OFF (high = ON)
47
REL3B
Output of the 3B relay driver
48
NACK2 (D2) Logic pin: with PSC = 0, Line 2 status information output
with PSC = 1, Line 2 I/O tristate data bus
49
NACK3 (D3) Logic pin: with PSC = 0 line 3 status information output
with PSC = 1 line 3 I/O tristate data bus
50
*RESETN
Logic input pin: reset (active low)
53
WA3
Output feeder’s switch side of line 3; negative respect toWB3
55
ILIM
Current limit programming input
56
WBP3
Internal protection diodes for line 3
57
WB3
Output feeder’s resistive side of line 3; positive respect to WA3
60
WB0
Output feeder’s resistive side of line 0; positive respect to WA0
61
WBP0
Internal protection diodes for line 0
0
WA0
Output feeder’s switch side of line 0; negative respect to WB0
26
27
58
59
VBAT
Negative battery supply voltage. It is referred to BGND
19
32
51
64
BGND
Battery ground
3
35
62
RGND
Relay ground
Pin Name
Description
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com