Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5445 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5445 Datasheet HTML 1Page - STMicroelectronics STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
STLC5445
4/23
12
*EREL1A
Logic input pin: relay 1A output driver’s ON/OFF (high = ON)
13
*EREL1B
Logic input pin: relay 1B output driver’s ON/OFF (high = ON)
14
REL1B
Output of the 1B relay driver
15
ALE
Logic input pin: with PSC = 0, Don’t care
with PSC = 1, Address Latch Enable (active high)
16
PBIT
Power on sequencer enable: PBIT = 0: power on sequencer ON
PBIT = 1: power on sequencer OFF
17
PSC
Parallel or MPI mode input selection pin:
0 = parallel interface; 1 = MPI interface
18
INTN
Logic output pin; open drain: with PSC = 0 high impedance
with PSC = 1 interrupt (active low)
21
WA1
Output feeder’s switch side of line 1; negative respect to WB1
23
VCC
Positive supply voltage. It is referred to DGND
24
WBP1
Internal protection diodes for line 1
25
WB1
Output feeder’s resistive side of line 1; positive respect to WA1
28
WB2
Output feeder’s resistive side of line 2; positive respect to WA2
29
WBP2
Internal protection diodes for line 2
30
DGND
Digital ground
31
WA2
Output feeder’s switch side of line 2; negative respect to WB2
33
CODC2
Pin for connection of the external capacitor (100nF/6.3V) to GND for COD signal filtering on
channel 2
34
CODC3
Pin for connection of the external capacitor (100nF/6.3V) to GND for COD signal filtering on
channel 3
36
*ES0(A0)
Logic input pin: with PSC = 0, Line 0 ON/OFF request (high=ON)
with PSC = 1, Address bit for R/W operations
37
*ES1(CSN)
Logic input pin: with PSC = 0, Line 1 ON/OFF request (high=ON)
with PSC = 1, chip select (active low)
38
*ES2(RDN)
Logic input pin: with PSC = 0, Line 2 ON/OFF request (high=ON)
with PSC = 1, Read command (active low)
39
*ES3(WRN)
Logic input pin: with PSC = 0, Line 3 ON/OFF request (high=ON)
with PSC = 1, Write command (active low)
40
REL2A
Output of the 2A relay driver
41
*EREL2A
Logic input pin: relay 2A output driver’s ON/OFF (high = ON)
42
*ERL2B
Logic input pin: relay 2B output driver’s ON/OFF (high = ON)
43
REL2B
Output of the 2B relay driver
44
REL3A
Output of the 3A relay driver
Pin Name
Description
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com