Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5460 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 5Page - STMicroelectronics STLC5460 Datasheet HTML 6Page - STMicroelectronics STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics STLC5460 Datasheet HTML 10Page - STMicroelectronics STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
MEMORY STRUCTURE AND SWITCHING
The LCIC contains three memories: Auxiliary
Memory (AM), Data Memory (DM) and Control
Memory (CM).
The Auxiliary Memory consists of one block di-
vided in four parts of 16 words.
This Auxiliary Memory is used for validated data
from Monitor and Command/Indicate Rx channels
and
to transmit data to Monitor and Com-
mand/Indicate Tx channels.
The Data Memory buffers the data input from the
PCM and the GCI interface. It has a capacity of
128 + 64 time slots to buffer 4 PCM frame of 32
time slots and two GCI interfaces. It is written pe-
riodically once every 125 microseconds controlled
by the input counters associated to PCM interface
and to GCI interface. To perform the switching the
loopback function, this memory is read, random,
in accordance with the control memory
The Control Memory has a capacity of 128 + 64
words of 14 bits: 8 of data and 6 of code. The 14
bits are written random, via microprocessor in-
terface and read cyclically under the control of
the output counters associated to PCM interface
and GCI interface.
For
control memory access and different func-
tions, three registers are provided:
destination register:
it contains the address of a specific location of
the control memory;
source register :
it contains the data (to be written or read) of the
control memory corrisponding to the address indi-
cated by the destination register;
command register:
it contains the code (6 bits to be written or read)
of the control memory.
The content of command register defines the dif-
ferent capabilities: switching at 64 kb/s, 32 kb/s,
16 kb/s, loopback and also extraction/insertion
from the microprocessor interface.
A memory access using the actual command reg-
ister and source register is performed upon every
destination register write access. The processing
of the memory access takes at most 488ns.
MICROPROCESSOR INTERFACE
After Reset, the Microprocessor interface is in
non-multiplexed mode (Address bus and Data
bus must be non-multiplexed):
if ALE pin is hardwired at VSS, the Microproces-
sor interface is Motorola like, Address/Data are
non-multiplexed.
if ALE pin is hardwired at VDD the Microproces-
sor interface is Intel like, Address/Data are non-
multiplexed.
After Reset, as soon as two successive edges are
detected on ALE pin (Rising and falling edges) by
the circuit the Microprocessor interface switches
in multiplexed mode (Address bus and Data bus
must be multiplexed). The circuit is set automat-
ically in Motorola like or in Intel like mode.
For the circuit Address bus and Data bus multi-
plexed or not multiplexed, the difference between
Motorola like and Intel like mode is showed in fig. 4.
Figure 4.
STLC5460
9/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com