Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5460 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5460 Datasheet HTML 1Page - STMicroelectronics STLC5460 Datasheet HTML 2Page - STMicroelectronics STLC5460 Datasheet HTML 3Page - STMicroelectronics STLC5460 Datasheet HTML 4Page - STMicroelectronics STLC5460 Datasheet HTML 5Page - STMicroelectronics STLC5460 Datasheet HTML 6Page - STMicroelectronics STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
STLC5460
LINE CARD INTERFACE CONTROLLER
BOARD CONTROLLER FOR UP TO 16 ISDN
LINES OR 16 VOICE SUBSCRIBERS.
TWO SERIAL INTERFACES :
-PCM Four bidirectional multiplexes
-GCI One (or two) at 2 Mb/s.
NON BLOCKING SWITCH FOR 128 CHAN-
NELS (16, 32 OR 64 KB/S BANDWIDTH).
N CONSECUTIVE 64 kb/s CHANNELS FROM
AN INPUT MULTIPLEX CAN BE SWITCHED
AS A SINGLE N X 64 kbit/s CHANNEL TO AN
OUTPUT MULTIPLEX AT 2048 kb/s.
TIME SLOT ASSIGNMENT FREELY PRO-
GRAMMABLE FOR EVERY CONNECTED
SUBSCRIBER.
PROGRAMMABLE PCM DATA RATES UP
TO 8192 kb/s.CONSTANT DATA RATE AT 2
Mb/s ON GCI SIDE.
PCM interface :
- Simple and double clock frequency selectable;.
- Programmable clock shift
- Tristate mode control signals for external drivers.
GCI interface :
- Six bits or four bits Command/indicate channel
selectable for analog or digital equipment
- Command/IndicateMonitor channels validated
or not
Microprocessor access to two selected bidirec-
tional channels of GCI and/or PCM.
Multicontrollers for layer 1 functions :
- C/I protocol controller for up to 16 C/I channels
- Monitor protocol controller for up to 16
Monitor channels.
Standard microprocessor interface with multi-
plexed address/data bus or separate address
data buses.
PLCC44 pins PACKAGE
February 1997
1
2
3
5
64
7
8
9
10
12
11
13
14
15
16
17
39
38
37
36
34
35
33
32
31
30
29
40
41
42
44 43
23
22
21
19
18
20
28
27
26
24 25
A1
TSC0
TxD0
TSC1
TSC2
TxD1
TxD2
TSC3
TxD3
PFS
PDC
A3
DIN0
DIN1
VSS2
FSC
VDD2
DCL
INT
ALE/AS
NCS
RW/NWR
D94TL149B
PIN CONNECTION (Top view)
PLCC44
ORDERING NUMBER: STLC5460
1/54


Similar Part No. - STLC5460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5464 STMICROELECTRONICS-STLC5464 Datasheet
731Kb / 83P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
May-1997
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
STLC5466 STMICROELECTRONICS-STLC5466 Datasheet
1Mb / 130P
64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
Nov-1999
More results

Similar Description - STLC5460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
PEF20570 INFINEON-PEF20570 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com