Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5460 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics STLC5460 Datasheet HTML 16Page - STMicroelectronics STLC5460 Datasheet HTML 17Page - STMicroelectronics STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
INPUT PCM OFFSET REGISTER (IPOF)
7
0
IOF9
IOF8
IOF7
IOF6
IOF5
IOF4
IOF3
IOF2
After Reset 00 (H)
IOF9/2
Input PCM Offset 9 to 2.
Associated with IOF1/0, these ten bits indicate the delay between PFS signal and the
first bit of the frame, for each input
OUTPUT PCM OFFSET REGISTER (OPOF)
7
0
OOF9
OOF8
OOF7
OOF6
IOF5
OOF 4
OOF3
OOF 2
After Reset 00 (H)
OOF9/2
Output PCM Offset 9 to 2.
Associated with OOF1/0 of complementary offset register, these ten bits indicate the
delay between bit 0 of the frame out going versus bit 0 of the frame incoming.
INPUT PCM SHIFT 1 (IPSH1)
7
0
0
P1SH2
P1SH1
P1SH0
0
P0SH2
P0SH1
P0SH0
After Reset 00 (H)
P1SH2/0
PCM1 Shift 2 to 0.
This number (0 to 7) is added to Input PCM offset to obtain the total shift of the frame of
PCM1.
P0SH2/0
PCM0 shift 2 to 0.
This number (0 to 7) is added to Input PCM offset to obtain the total shift of the frame of
PCM0.
INPUT PCM SHIFT 2 (IPSH2)
7
0
0
P3SH2
P3SH1
P3SH0
0
P2SH2
P2SH1
P2SH0
After Reset 00 (H)
P3SH2/0
PCM3 Shift 2 to 0.
This number (0 to 7) is added to Input PCM offset to obtain the total shift of the frame of
PCM3.
P2SH2/0
PCM2 Shift 2 to 0.
This number (0 to 7) is added to Input PCM offset to obtain the total shift of the frame of
PCM2.
OUTPUT PCM SHIFT 1 (OPSH1)
7
0
P1E
P1SH2
P1SH1
P1SH0
P0E
P0SH2
P0SH1
P0SH0
After Reset 00 (H)
P1E
Output PCM1 Enable.
P1E = 0. PCM1 output is at high impedance.
P1E = 1. PCM1 output is enable.
STLC5460
16/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com