Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5460 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics STLC5460 Datasheet HTML 16Page - STMicroelectronics STLC5460 Datasheet HTML 17Page - STMicroelectronics STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
P1SH2/0
PCM1 shift 2/0.
This number (0 to 7) is added to output PCM offset to obtain the total shift of the frame of
PCM1.
P0E
Output PCM2 Enable.
P0E = 0. PCM0 output is at high impedance.
P0E = 1. PCM0 output is enabled.
P0SH2/0
PCM0 Shift 2/0.
This number (0 to 7) is added to output PCM offset to obtain the total shiftof the frame of
PCM0.
OUTPUT PCM SHIFT 2 (OPSH2)
7
0
P3E
P3SH2
P3SH1
P3SH0
P2E
P2SH2
P2SH1
P2SH0
After Reset 00 (H)
P3E
Output PCM3 Enable.
P3E = 0. PMC3 output is at high impedance.
P3E = 1. PCM3 output is enabled.
P3SH2/0
PCM3 Shift 2/0.
This number (0 to 7) is added to output PCM offset to obtain the total shiftof the frame of
PCM3.
P2E
Output PCM2 Enable.
P2E = 0. PCM2 output is at high impedance.
P2E = 1. PCM2 output is enabled.
P2SH2/0
PCM2 shift 2/0.
This number (0 to 7) is addedto outputPCM offsetto obtain the totalshift of the frame of PCM2
INPUT PCM ASSIGNMENT REGISTER (IPASS)
7
0
IP31
IP30
IP21
1P20
1P11
1P10
1P01
1P00
After Reset E4 (H)
IP31/IP30
Incoming PCM3 Assignment.
IP31
IP30
Incoming PCM3 receives data from
0
0
1
1
0
1
0
1
Pin RxD0
Pin RxD1
Pin RxD2
Pin RxD3 (Default value)
IP21/IP20
Incoming PCM2 Assignment.
IP21
IP20
Incoming PCM2 receives data from
0
0
1
1
0
1
0
1
Pin RxD0
Pin RxD1
Pin RxD2 (Default value)
Pin RxD3
IP11/IP10
Incoming PCM1 Assignment.
IP11
IP10
Incoming PCM1 receives data from
0
0
1
1
0
1
0
1
Pin RxD0
Pin RxD1(Default value)
Pin RxD2
Pin RxD3
STLC5460
17/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com