Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3159 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3159 Datasheet HTML 3Page - STMicroelectronics STG3159 Datasheet HTML 4Page - STMicroelectronics STG3159 Datasheet HTML 5Page - STMicroelectronics STG3159 Datasheet HTML 6Page - STMicroelectronics STG3159 Datasheet HTML 7Page - STMicroelectronics STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics STG3159 Datasheet HTML 10Page - STMicroelectronics STG3159 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG3159
Electrical characteristics
7/18
3.2
AC electrical characteristics
Table 6.
AC Electrical characteristics (CL = 35pF, RL = 50Ω, tr = tf ≤5ns)
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH,
tPHL
Propagation
delay
1.65-1.95
VS = OPEN
0.15
ns
2.3-2.7
0.14
3.0-3.3
0.13
3.6-4.3
0.13
tON
Turn-ON time
1.65-1.95
VS = 0.8V
36
ns
2.3-2.7
VS = 1.5V
22
32
42
3.0-3.3
16
26
36
3.6-4.3
13
23
33
tOFF
Turn-OFF time
1.65-1.95
VS = 0.8
29
ns
2.3-2.7
VS = 1.5V
17
27
37
3.0-3.3
12
23
33
3.6-4.3
11
21
31
tD
Break before
make time delay
1.65-1.95
CL = 35pF
RL = 50Ω
VS = 1.5V
15
ns
2.3-2.7
10
3.0-3.3
8
3.6-4.3
6
Q
Charge injection
1.65
CL = 100pF
VGEN = 0V
RGEN = 0Ω
16
pC
2.3
22
326
4.3
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com