Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3159 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3159 Datasheet HTML 1Page - STMicroelectronics STG3159 Datasheet HTML 2Page - STMicroelectronics STG3159 Datasheet HTML 3Page - STMicroelectronics STG3159 Datasheet HTML 4Page - STMicroelectronics STG3159 Datasheet HTML 5Page - STMicroelectronics STG3159 Datasheet HTML 6Page - STMicroelectronics STG3159 Datasheet HTML 7Page - STMicroelectronics STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2006
Rev 1
1/18
18
Features
■ High speed:
–tPD = 1.5ns (Typ.) at VCC = 3.0V
–tPD = 1.5ns (Typ.) at VCC = 2.3V
■ Ultra low power dissipation:
–ICC = 0.2µA (Max.) at TA = 85°C
■ Low "ON" resistance:
–RON = 1.0Ω (TA = 25ºC) at VCC = 4.3V
–RON = 1.1Ω (TA = 25ºC) at VCC = 3.0V
–RON = 1.7Ω (TA = 25ºC) at VCC = 1.8V
■ Wide operating voltage range:
–VCC (OPR) = 1.65V to 4.5V single supply
■ 4.5V Tolerant and 1.8V compatible threshold
on digital control input at VCC = 2.3V to 3.0V
■ Latch-up performance exceeds 100mA per
JESD 78, Class II
■ ESD Performance tested per JESD22
– 2000V Human-body model
(A114-B, Class II)
– 200V Machine model (A115-A)
– 1000V Charged-device model (C101)
Description
The STG3159 is a high-speed CMOS low voltage
single analog S.P.D.T. (Single Pole Dual Throw)
switch or 2:1 Multiplexer /Demultiplexer switch
fabricated in silicon gate C2MOS technology. It is
designed to operate from 1.65V to 4.3V, making
this device ideal for portable applications.
The device offers very low ON-Resistance (1
Ω) at
VCC = 4.3V. The SEL inputs are provided to
control the switch. The switch S1 is ON (they are
connected to common Ports Dn) when the SEL
input is held high and OFF (high impedance state
exists between the two ports) when SEL is held
low; the switch S2 is ON (it is connected to
common Port D) when the SEL input is held low
and OFF (high impedance state exists between
the two ports) when SEL is held high.
Additional key features are fast switching speed,
break-before-make delay time and Ultra Low
Power Consumption. All inputs and outputs are
equipped with protection circuits against static
discharge, giving them ESD immunity and
transient excess voltage.
DFN6L
STG3159
Low voltage 1
Ω max single SPDT switch
with break-before-make feature
www.st.com
Order codes
Part number
Package
Packaging
STG3159DTR
DFN6L (1.2mm x 1mm)
Tape and Reel


Similar Part No. - STG3159

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
More results

Similar Description - STG3159

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com