Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3159 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STG3159 Datasheet HTML 10Page - STMicroelectronics STG3159 Datasheet HTML 11Page - STMicroelectronics STG3159 Datasheet HTML 12Page - STMicroelectronics STG3159 Datasheet HTML 13Page - STMicroelectronics STG3159 Datasheet HTML 14Page - STMicroelectronics STG3159 Datasheet HTML 15Page - STMicroelectronics STG3159 Datasheet HTML 16Page - STMicroelectronics STG3159 Datasheet HTML 17Page - STMicroelectronics STG3159 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package mechanical data
STG3159
16/18
Figure 14. DFN6L Reel information
Table 11.
DFN6L Reel information
Dim
mm.
inch
Tape size
8.0 ±0.30
0.315 ±0.012
A max.
180.0
7.086
B min.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
60
2.362
G
8.4 +2/-0
0.319 +0.079/-0
T max.
14.4
0.567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com