Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 29Page - STMicroelectronics STMPE1601_1 Datasheet HTML 30Page - STMicroelectronics STMPE1601_1 Datasheet HTML 31Page - STMicroelectronics STMPE1601_1 Datasheet HTML 32Page - STMicroelectronics STMPE1601_1 Datasheet HTML 33Page - STMicroelectronics STMPE1601_1 Datasheet HTML 34Page - STMicroelectronics STMPE1601_1 Datasheet HTML 35Page - STMicroelectronics STMPE1601_1 Datasheet HTML 36Page - STMicroelectronics STMPE1601_1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
STMPE1601
GPIO controller
33/61
10.3
Hotkey feature
A GPIO is known as ‘Hotkey’ when it is configured to trigger an interruption to the host
whenever the GPIO input is being asserted. This feature is applicable in Operational mode
(4 MHz clock is present) as well as Sleep mode (32 kHz clock is present).
10.3.1
Programming sequence for Hotkey
1.
Configure the GPIO pin into GPIO mode by setting the corresponding bits in the
GPAFR.
2.
Configure the GPIO pin into input direction by setting the corresponding bit in GPDR.
3.
Set the GPRER and GPFER to the desired values to enable the rising edge or falling
edge detection.
4.
Configure and enable the interrupt controller to allow the interruption to the host.
5.
Now, the GPIO expander may be put into Sleep mode if it is desired.
6.
Upon any hot-key being asserted, the device will wake up and issue an interrupt to the
host.
Below are the conditions to be fulfilled in order to configure a Hot Key:
1.
The pin is configured into GPIO mode and as input pin.
2.
The global interrupt mask bit is enabled.
3.
The corresponding GPIO interrupt mask bit is enabled.
10.3.2
Minimum pulse width
The minimum pulse width of the assertion of the Hotkey must be at least 62.5 us. Any pulse
width less than the stated value may not be registered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com