Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 44Page - STMicroelectronics STMPE1601_1 Datasheet HTML 45Page - STMicroelectronics STMPE1601_1 Datasheet HTML 46Page - STMicroelectronics STMPE1601_1 Datasheet HTML 47Page - STMicroelectronics STMPE1601_1 Datasheet HTML 48Page - STMicroelectronics STMPE1601_1 Datasheet HTML 49Page - STMicroelectronics STMPE1601_1 Datasheet HTML 50Page - STMicroelectronics STMPE1601_1 Datasheet HTML 51Page - STMicroelectronics STMPE1601_1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Keypad controller
STMPE1601
48/61
KPC_ROW_lsb
Keypad controller row (LSB)
Address:
0x62
Type:
Reset:
0x00
Description:
Keypad row scanning register.
KPC_CTRL_msb
Keypad controller control (MSB)
Address:
0x63
Type:
R/W
Reset:
0x00
Description:
Keypad control register.
7
6
5
432
10
OUTPUT ROW 0 ~ 7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
000
00
[7:0] OUTPUT ROW 0 ~ 7:
‘1’ to turn on scanning of the corresponding row;
‘0’ to turn off
7
6
5
432
10
SCAN_COUNT_0 ~ 3
DKEYy_0 ~ 3
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
000
00
[7:4] SCAN_COUNT_0~ 3:
Number of key scanning cycles elapsed before a confirmed key data is updated into output
data FIFO (0 ~ 15 cycles)
[3] DKEY_3:
Set ‘1’ to use input column 3 as dedicated key
[2] DKEY_2:
Set ‘1’ to use input column 2 as dedicated key
[1] DKEY_1:
Set ‘1’ to use input column 1 as dedicated key
[0] DKEY_0:
Set ‘1’ to use input column 0 as dedicated key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com