Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 37Page - STMicroelectronics STMPE1601_1 Datasheet HTML 38Page - STMicroelectronics STMPE1601_1 Datasheet HTML 39Page - STMicroelectronics STMPE1601_1 Datasheet HTML 40Page - STMicroelectronics STMPE1601_1 Datasheet HTML 41Page - STMicroelectronics STMPE1601_1 Datasheet HTML 42Page - STMicroelectronics STMPE1601_1 Datasheet HTML 43Page - STMicroelectronics STMPE1601_1 Datasheet HTML 44Page - STMicroelectronics STMPE1601_1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
STMPE1601
Basic PWM controller
41/61
11.1
Interrupt on basic PWM controller
A basic PWM controller can be programmed to generate interrupts at the completion of a
blinking sequence. However, there are some limitations:
a)
Each basic PWM controller has its own bit in the interrupt enable/status registers.
b)
If enabled, completion in any of the PWM controller triggers interrupts. No interrupt
will be generated if infinite repetition is set.
c)
In WDT mode, an interrupt is generated when timeout occurs
d)
In One-shot mode
If Auto-reload, interrupt is generated every time a valid trigger is detected
If Non-auto-reload, an interrupt is generated just once
11.2
Trigger feature
The basic PWM controller can be programmed to be controlled by an external “trigger”
signal. This feature can be used to implement:
–
One-shot trigger circuit
–
Watchdog timer
In one-shot trigger mode, a single pulse which the length is defined by TIMING[3:0] is sent
to the PWM output, when a level transition is detected at the trigger source.
In watchdog mode, a 120
μS pulse is generated at PWM output when the programmed timer
has elapsed without getting any trigger for the trigger source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com