Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1601 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 33Page - STMicroelectronics STMPE1601_1 Datasheet HTML 34Page - STMicroelectronics STMPE1601_1 Datasheet HTML 35Page - STMicroelectronics STMPE1601_1 Datasheet HTML 36Page - STMicroelectronics STMPE1601_1 Datasheet HTML 37Page - STMicroelectronics STMPE1601_1 Datasheet HTML 38Page - STMicroelectronics STMPE1601_1 Datasheet HTML 39Page - STMicroelectronics STMPE1601_1 Datasheet HTML 40Page - STMicroelectronics STMPE1601_1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
STMPE1601
Basic PWM controller
37/61
PWM_n_TRIGGER_n = 0 - 3
PWM trigger register n = 0 - 3
Address:
0x52, 0x56, 0x5A, 0x5E
Type:
Reset:
0x00
Description:
Enable use of trigger on PWM_n.
765
432
10
RESET
Edge
-
MODE
RELOAD
GS2
GS1
GS0
RW
RW
RW
RW
RW
RW
RW
RW
000
000
00
[7] RESET: Always read ‘0’
S/W writes ‘1’ to reset counter in WDT mode
Writing ‘1’ in PWM/one-shot has no effect.
Writing ‘0’ has no effect in all modes.
[6] EDGE:type of logic transition to be detected for trigger source.
0: low-to-high
1: hi-to-low
[5] RESERVED
[4] MODE:
0: one-shot trigger mode
1: watch-dog timer mode
This bit is only valid if the ALT bits in the Channel_function_En register is set to ‘1’.
‘1’ for Manual Reload
[3] RELOAD:
‘0’ for Auto-Reload
‘1’ for Manual Reload
[2:0] GS2:0:
Trigger source select
000: GPIO-4
001: GPIO-5
010: GPIO-6
011: GPIO-7
100: GPIO-9
101: GPIO-10
110: GPIO-11
111: GPIO-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com