Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 15Page - STMicroelectronics STDVE001A Datasheet HTML 16Page - STMicroelectronics STDVE001A Datasheet HTML 17Page - STMicroelectronics STDVE001A Datasheet HTML 18Page - STMicroelectronics STDVE001A Datasheet HTML 19Page - STMicroelectronics STDVE001A Datasheet HTML 20Page - STMicroelectronics STDVE001A Datasheet HTML 21Page - STMicroelectronics STDVE001A Datasheet HTML 22Page - STMicroelectronics STDVE001A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
STDVE001A
Functional description
19/49
3.9
CEC
The CEC channel is a dedicated single pin bus and electrically translates to a bi-directional
buffer used to ensure that the electrical specs of the CEC are met even with high
capacitance on the single CEC line. The pull-up resistor of 26K? is integrated on either sides
of the buffer. The CEC is used for AV control of the electronic devices connected in a HDMI
cluster. The drive of the buffer is set to meet the requirements of the CEC. This is optionally
used for higher-level user functions such as automatic set-up tasks or tasks typically
associated with infrared remote control usage.
The CEC line is continuously monitored during the power-on state and is not monitored
during powered-off state. In powered off state, the CEC line should not be pulled low and it
should not affect the CEC communication between other devices. The maximum
capacitance on the CEC lines can be 7.2nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com