Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 33Page - STMicroelectronics STDVE001A Datasheet HTML 34Page - STMicroelectronics STDVE001A Datasheet HTML 35Page - STMicroelectronics STDVE001A Datasheet HTML 36Page - STMicroelectronics STDVE001A Datasheet HTML 37Page - STMicroelectronics STDVE001A Datasheet HTML 38Page - STMicroelectronics STDVE001A Datasheet HTML 39Page - STMicroelectronics STDVE001A Datasheet HTML 40Page - STMicroelectronics STDVE001A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
STDVE001A
Maximum rating
37/49
Figure 13.
Propagation delays
Figure 14.
Turn-on and turn-off times
VA
Output
VCM
tpLH
tpHL
-0.4V
0.4V
VCM
VID
VB
VCC
VCC – 0.4
VID
0V
VID(p-p)
VID
tr
tf
80%
80%
20%
20%
VOD(p-p)
0%
100%
0V Differential
VOD(O)
VOD(U)
SHDN_N
50%
tOFF
1.50 V
tOFF
1.50 V
3.0 V
0 V
VOH
1.2 V
1.2 V
VOL
50%
50%
tON
tON
VOUT+ when VID= +150mV
VOUT- when VID= -150mV
VOUT+ when VID= -150mV
VOUT- when VID= +150mV
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com