Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 18Page - STMicroelectronics STDVE001A Datasheet HTML 19Page - STMicroelectronics STDVE001A Datasheet HTML 20Page - STMicroelectronics STDVE001A Datasheet HTML 21Page - STMicroelectronics STDVE001A Datasheet HTML 22Page - STMicroelectronics STDVE001A Datasheet HTML 23Page - STMicroelectronics STDVE001A Datasheet HTML 24Page - STMicroelectronics STDVE001A Datasheet HTML 25Page - STMicroelectronics STDVE001A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Maximum rating
STDVE001A
22/49
Table 10.
DC specifications for TMDS differential ouputs
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VOH
Single-ended high level
output voltage
VCC-10
VCC+10
mV
VOL
Single-ended low level
output voltage
VCC-600
VCC-400
mV
Vswing
Single ended output
swing voltage
VCC = 3.3 V
RTERM = 50 Ω
400
500
600
mV
VOD
Differential output
voltage
(peak-to-peak)(1)
VCC = 3.3 V
RTERM = 50 Ω
800
1000
1200
mV
IOH
Differential output high
level current
050
µA
IOL
Differential output low
level current
810
12
mA
|ISC|
Output driver short-
circuit current
(continuous)
OUT
± = GND
through a 50
Ω
resistor.
See Figure 12
12
mA
COUT
Output capacitance
OUT+ or OUT-
to GND when tri-
state
F = 1 MHz
5.5
pF
1.
Differential output voltage is defined as | (OUT+ - OUT-) |. Differential input voltage is defined as | (IN+ - IN-) |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com