Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001A Datasheet(PDF) 41 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 37Page - STMicroelectronics STDVE001A Datasheet HTML 38Page - STMicroelectronics STDVE001A Datasheet HTML 39Page - STMicroelectronics STDVE001A Datasheet HTML 40Page - STMicroelectronics STDVE001A Datasheet HTML 41Page - STMicroelectronics STDVE001A Datasheet HTML 42Page - STMicroelectronics STDVE001A Datasheet HTML 43Page - STMicroelectronics STDVE001A Datasheet HTML 44Page - STMicroelectronics STDVE001A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
STDVE001A
Application information
41/49
5.3.1
I2C lines application information
A typical application is shown in the figure below. In the example, the system master is
running on a 3.3 V I2C-bus while the slave is connected to a 5 V bus. Both buses run at
100 kHz unless the slave bus is isolated and then the master bus can run at 400 kHz.
Master devices can be placed on either bus.
Figure 21.
Typical application of I2C bus system
The STDVE001A DDC lines are 5 V tolerant; so it does not require any extra circuitry to
translate between the different bus voltages.
3.3V
5.0V
SDA
SCL
SDA
SCL
SDA
SDA
SCL
SCL
STDVE001A
BUS 0
BUS 1
Bus master
400 kHz
Slave
100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com