Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1-1M2
Description  Single line low capacitance Transil for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1M2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1-1M2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2007
Rev 5
1/10
ESDALC6V1-1M2
Single line low capacitance Transil™ for ESD protection
Features
■ Single line low capacitance Transil diode
■ Unidirectional ESD protection
■ ESD protection > 30 kV (IEC 61000-4-2 contact
discharge)
■ Breakdown voltage VBR = 6.1 V min.
■ Low diode capacitance (22 pF @ 0 V)
■ Low leakage current (< 100 nA @ 3 V)
■ Very small PCB area (0.6 mm2)
■ RoHS compliant
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
Complies with the following standards:
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3B
– HBM (Human body model)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Figure 1.
Functional diagram
Description
The ESDALC6V1-1M2 is a unidirectional single
line TVS diode designed to protect the data lines
or other I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
TM: Transil is a trademark of STMicroelectronics
SOD882 Package
GND
GND
3
GND
I/O1
I/O2
www.st.com


Similar Part No. - ESDALC6V1-1M2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDALC6V1-1M2 LEIDITECH-ESDALC6V1-1M2 Datasheet
328Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results

Similar Description - ESDALC6V1-1M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
Single line low capacitance TRANSIL??for ESD protection
11-Jan-2007
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
Single line low capacitance TRANSIL??for ESD protection
15-Nov-2006
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
ESDAVLC6V1-1BM2 STMICROELECTRONICS-ESDAVLC6V1-1BM2 Datasheet
749Kb / 13P
Single line low capacitance Transil for ESD protection
16-Apr-2008
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDALC5-1BM2 STMICROELECTRONICS-ESDALC5-1BM2 Datasheet
205Kb / 14P
Single line low capacitance Transil??for ESD protection
02-Feb-2010
ESDALC6V1-1BU2 STMICROELECTRONICS-ESDALC6V1-1BU2 Datasheet
143Kb / 11P
Single-line low capacitance Transil??for bidirectional ESD protection
12-Aug-2010
ESDALC6V1-1U2 STMICROELECTRONICS-ESDALC6V1-1U2 Datasheet
198Kb / 11P
Single-line low capacitance Transil for ESD protection
22-Sep-2011
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
Single line low capacitance Transil™ for ESD protection
05-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com